Part Number Hot Search : 
S1215 1ZC24A B2567 PSSX400 H2215C PXB4220 IRF3709Z C18LF
Product Description
Full Text Search
 

To Download VQ1000J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
Part Number
2N7000 2N7002 VQ1000J VQ1000P BS170 60
V(BR)DSS Min (V)
rDS(on) Max (W)
5 @ VGS = 10 V 7.5 @ VGS = 10 V 5.5 @ VGS = 10 V 5.5 @ VGS = 10 V 5 @ VGS = 10 V
VGS(th) (V)
0.8 to 3 1 to 2.5 0.8 to 2.5 0.8 to 2.5 0.8 to 3
ID (A)
0.2 0.115 0.225 0.225 0.5
FEATURES
D D D D D Low On-Resistance: 2.5 W Low Threshold: 2.1 V Low Input Capacitance: 22 pF Fast Switching Speed: 7 ns Low Input and Output Leakage
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation Easily Driven Without Buffer High-Speed Circuits Low Error Voltage
APPLICATIONS
D Direct Logic-Level Interface: TTL/CMOS D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
TO-226AA (TO-92)
S 1 G G 2 S D 3 2 1
TO-236 (SOT-23)
3
D
Top View Top View 2N7000 Marking Code: 72wll 72 = Part Number Code for 2N7002 w = Week Code ll = Lot Traceability
Dual-In-Line
D1 N S1 G1 NC G2 N S2 D2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D4 S4 G4 NC G3 G S3 D3 N S 3 2 D 1 N
TO-92-18RM (TO-18 Lead Form)
Top View Plastic: VQ1000J Sidebraze: VQ1000P
Top View BS170
Document Number: 70226 S-04279--Rev. F, 16-Jul-01
www.vishay.com
11-1
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Single Parameter
Drain-Source Voltage Gate-Source Voltage--Non-Repetitive Gate-Source Voltage--Continuous Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Total Quad VQ1000J/P BS170
60 "25 "20 0.225 0.14 1 1.3 0.52 96 2 0.8 62.5 156 0.83 W _C/W _C "20 0.5 0.175 A V
Symbol
VDS VGSM VGS ID IDM PD RthJA TJ, Tstg
2N7000 60 "40 "20 0.2 0.13 0.5 0.4 0.16 312.5
2N7002
60 "40 "20 0.115 0.073 0.8 0.2 0.08 625
VQ1000J
60 "30 "20 0.225 0.14 1 1.3 0.52 96
VQ1000P
60
Unit
Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range
-55 to 150
Notes a. Pulse width limited by maximum junction temperature. b. tp v 50 ms.
SPECIFICATIONS 2N7000 AND 2N7002 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N7000 2N7002
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage
Symbol
Test Conditions
VGS = 0 V, ID = 10 mA VDS = VGS, ID = 1 mA VDS = VGS, ID = 0.25 mA VDS = 0 V, VGS = "15 V VDS = 0 V, VGS = "20 V VDS = 48 V, VGS = 0 V
Typa
Min
Max
Min
Max
Unit
V(BR)DSS VGS(th) IGSS
70 2.1 2.0
60 0.8 3
60 V 1 "10 "100 1 1000 1 500 mA m 2.5 nA
Gate-Body Leakage
Zero Gate Voltage Drain Current
IDSS
TC = 125_C VDS = 60 V, VGS = 0 V TC = 125_C VDS = 10 V, VGS = 4.5 V VDS = 7.5 V, VGS = 10 V VGS = 4.5 V, ID = 0.075 A VGS = 5 V, ID = 0.05 A 0.35 1 4.5 3.2 5.8 2.4 4.4 100 0.5 0.075
On-State Drain Currentb
ID(on)
0.5 5.3 7.5 13.5 5 9 80 7.5 13.5
A
Drain-Source On-Resistanceb
rDS(on)
TC = 125_C VGS = 10 V, ID = 0.5 A TJ = 125_C
W
Forward Transconductanceb Common Source Output Conductanceb
gfs gos
VDS = 10 V, ID = 0.2 A VDS = 5 V, ID = 0.05 A
mS
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = 25 V, VGS = 0 V f = 1 MHz 22 11 2 60 25 5 50 25 5 pF
www.vishay.com
11-2
Document Number: 70226 S-04279--Rev. F, 16-Jul-01
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
SPECIFICATIONS 2N7000 AND 2N7002 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N7000 2N7002
Parameter Switchingd
Turn-On Time Turn-Off Time Turn-On Time Turn-Off Time
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
tON tOFF tON tOFF
VDD = 15 V, RL = 25 W ID ^0.5 A, VGEN = 10 V, RG = 25 W VDD = 30 V, RL = 150 W ID ^ 0.2 A, VGEN = 10 V, RG = 25 W
7 7 7 11
10 10 20 20 ns
SPECIFICATIONS VQ1000J/P AND BS170 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VQ1000J/P BS170
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage
Symbol
Test Conditions
VGS = 0 V, ID = 100 mA VDS = VGS, ID = 1 mA VDS = 0 V, VGS = "10 V TJ = 125_C VDS = 0 V, VGS = "15 V VDS = 25 V, VGS = 0 V VDS = 48 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V VDS = 10 V, VGS = 10 V VGS = 5 V, ID = 0.2 A VGS = 10 V, ID = 0.2 A VGS = 10 V, ID = 0.3 A TJ = 125_C VDS = 10 V, ID = 0.2 A VDS = 10 V, ID = 0.5 A VDS =5 V, ID = 0.05 A
Typa
Min
Max
Min
Max
Unit
V(BR)DSS VGS(th)
70 2.1
60 0.8 2.5 "100 "500
60 0.8 3 V
Gate-Body Leakage
IGSS
nA "10 0.5
Zero Gate Voltage Drain Current On-State Drain Currentb
IDSS ID(on)
500 10 1 4 2.3 2.3 4.2 5.5 7.6 100 100 0.5 0.5 7.5 5
m mA A
Drain-Source On-Resistanceb
rDS(on)
W
Forward Transconductanceb Common Source Output Conductanceb
gfs gos
mS
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS =25 V, VGS = 0 V f = 1 MHz 22 11 2 60 25 5 60 pF
Switchingd
Turn-On Time Turn-Off Time Turn-On Time Turn-Off Time tON tOFF tON tOFF VDD = 15 V, RL = 23 W ID ^ 0.6 A, VGEN = 10 V, RG = 25 W VDD = 25 V, RL = 125 W ID ^ 0.2 A, VGEN = 10 V, RG = 25 W 7 7 7 7 10 10 10 10 ns
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v80 ms duty cycle v1%. c. This parameter not registered with JEDEC. d. Switching time is essentially independent of operating temperature. Document Number: 70226 S-04279--Rev. F, 16-Jul-01
VNBF06
www.vishay.com
11-3
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics
1.0 VGS = 10, 9, 8, 7 V 0.8 ID - Drain Current (A) 6.5 V 6V ID - Drain Current (A) 5.5 V 0.6 5V 0.4 4.5 V 4V 3.5 V 3V 0.0 0 1 2 3 4 5 0.8 TJ = -55_C 25_C 0.6 125_C 0.4 1.0
Transfer Characteristics
0.2
0.2 2.5 V 2, 1 V 6 0.0 0 1 2 3 4 5 6 7 8
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
7 6 rDS(on) - On-Resistance ( ) rDS @ 5 V = VGS 5 4 3 2 1 0 0.0 rDS @ 10 V = VGS C - Capacitance (pF) 40 60 VGS = 0 V f = 1 MHz 50
Capacitance
30 Ciss 20 Coss 10 Crss 0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
35
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
20 ID = 0.5 A VGS - Gate-to-Source Voltage (V) 16
Gate Charge
2.0
On-Resistance vs. Junction Temperature
rDS(on) - On-Resistance ( ) (Normalized)
VGS = 10 V, rDS @ 0.5 A 1.5
12 VDS = 30 V 8
1.0 VGS = 5 V, rDS @ 0.05 A
0.5
4
0 0 400 800 1200 1600 2000 2400
0.0 -55
-30
-5
20
45
70
95
120
145
Qg - Total Gate Charge (pC)
TJ - Junction Temperature (_C)
www.vishay.com
11-4
Document Number: 70226 S-04279--Rev. F, 16-Jul-01
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Source-Drain Diode Forward Voltage
1.000 6
On-Resistance vs. Gate-to-Source Voltage
5 TJ = 125_C IS - Source Current (A) 0.100 rDS(on) - On-Resistance ( )
ID = 50 mA
4
500 mA
3
TJ = 25_C 0.010
2
1
0.001 0.0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10 12 14 16 18 20
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.50 ID = 250 mA 0.25 VGS(th) - Variance (V)
-0.00
-0.25
-0.50
-0.75 -50
-25
0
25
50
75
100
125
150
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA, BS170 Only)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 Notes: PDM
0.01 Single Pulse 0.01 0.1 1 10 100
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
1K
10 K
t1 - Square Wave Pulse Duration (sec)
Document Number: 70226 S-04279--Rev. F, 16-Jul-01
www.vishay.com
11-5


▲Up To Search▲   

 
Price & Availability of VQ1000J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X